|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BY396 - BY399 PRV : 100 - 800 Volts Io : 3.0 Amperes FEATURES : * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency FAST RECOVERY RECTIFIER DIODES DO-201AD 0.21 (5.33) 0.19 (4.82) 1.00 (25.4) MIN. 0.375 (9.52) 0.285 (7.24) * Pb / RoHS Free MECHANICAL DATA : * Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 1.16 grams 0.052 (1.32) 0.048 (1.22) 1.00 (25.4) MIN. Dimensions in inches and ( millimeters ) Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATING Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Peak Forward Surge Current, 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 3.0 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C Ta = 55 C SYMBOL VRRM VRMS VDC IF(AV) BY396 100 70 100 BY397 200 140 200 3.0 BY398 400 280 400 BY399 800 560 800 UNIT V V V A IFSM VF IR IR(H) Trr 100 1.25 10 100 250 60 - 65 to + 150 - 65 to + 150 A V A A ns pf C C Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Junction Temperature Range Storage Temperature Range CJ TJ TSTG Notes : ( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A. ( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC Page 1 of 2 Rev. 02 : March 24, 2005 RATING AND CHARACTERISTIC CURVES ( BY396 - BY399 ) FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM 50 10 + 0.5 D.U.T. 50 Vdc (approx.) 1 PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25 Trr + - 1.0 A SET TIME BASE FOR 50-100 ns/cm NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types. 1 FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES 3.0 100 FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 8.3 ms SINGLE HALF SINE WAVE 80 Ta = 50 C 2.4 1.8 60 1.2 40 0.6 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175 20 0 1 2 4 6 10 20 40 60 100 AMBIENT TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES 10 NUMBER OF CYCLES AT 60Hz FIG.5 - TYPICAL REVERSE CHARACTERISTICS 100 FORWARD CURRENT, AMPERES Pulse W idth = 300 s 2% Duty Cycle TJ = 25 C 10 TJ = 100 C 1.0 1.0 0.1 TJ = 25 C 0.1 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED REVERSE VOLTAGE, (%) 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 FORWARD VOLTAGE, VOLTS Page 2 of 2 Rev. 02 : March 24, 2005 |
Price & Availability of BY39605 |